PART |
Description |
Maker |
CLY35-10 CLY35 CLY35-00 CLY35-05 |
HiRel C-Band GaAs Power-MESFET SCREWDRIVER SET, PRECISION 7 PCSCREWDRIVER SET, PRECISION 7 PC; Kit contents:Slot/Phillips: Slot 2.5 75, 3.0 100, 4.0 100, 4.0 150, PH 0 60, PH 1 80 SCREWDRIVER SET, PRECISION 4 PCSCREWDRIVER SET, PRECISION 4 PC; Kit contents:Slot/Philips: Slot 1.5 60, 2.5 75, 3.0 100, PH 0 60 伊雷尔C波段砷化镓功率场效应 SCREWDRIVER SET, ESDSCREWDRIVER SET, ESD; Kit contents:Slot/Phillips: Slot 2.5 75, 3.0 100, 4.0 100, 4.0 150, PH 0 60, PH 1 80 伊雷尔C波段砷化镓功率场效应
|
http:// INFINEON[Infineon Technologies AG]
|
IRF7807APBF IRF7807PBF IRF7807TRPBF |
N Channel Application Specific MOSFETs HEXFET㈢ Chip-Set for DC-DC Converters HEXFET? Chip-Set for DC-DC Converters
|
International Rectifier
|
STI5206 STI5206ZYB |
Low-cost SD advanced decoder SoC for set-top boxes Advanced SD decoder for set-top box applications
|
ST Microelectronics STMicroelectronics
|
GL39931 BB40931 BA36931 BA36933 BD40931 BF37931E B |
SCREWDRIVER SET, DUOSUPSLIM 5 PCSCREWDRIVER SET, DUOSUPSLIM 5 PC; Handle type:SHATTERPROOF POLYPROPYLENE; Kit contents:2.5, 3, 4mm Slot, Philips N0 0, Philips N0 00 RIVETER PLIERSRIVETER PLIERS; Rivet Diameter: 单相模压桥梁0,8放大,5放大 SINGLE PHASE MOULDED BRIDGES 0,8 AMP TO 1,5 AMP 单相模压桥梁0,8放大,5放大 ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% ER 14C 14#16 SKT PLUG Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 1000uF; Voltage: 63V; Case Size: 16x40 mm; Packaging: Bulk SINGLE PHASE MOULDED BRIDGES 0.8 AMP TO 1.5 AMP Single Phase Moulded Bridges 0.8 Amp ro 1.5 Amp SINGLE PHASE MOULDED BRIDGES 0,8 AMP TO 1,5 AMP
|
Electronic Theatre Controls, Inc. Facon ETC[ETC] Rohm Sharp Electrionic Components List of Unclassifed Manufacturers List of Unclassifed Man...
|
CECWP2G272M2-L22 CECWP2G392M3-L22 CECWP2G102M1-L22 |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 2700 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 3900 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 1000 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 330 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 2200 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 1200 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 5600 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 1800 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 3300 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 560 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 470 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 1500 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 390 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 4700 uF, CHASSIS MOUNT
|
Nippon Chemi-con, Corp.
|
3188BC682U063APS1 3188FF473U063APS1 3188EE273U063A |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 6800 uF, CHASSIS MOUNT CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 47000 uF, CHASSIS MOUNT CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 27000 uF, CHASSIS MOUNT CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 82000 uF, CHASSIS MOUNT CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 39000 uF, CHASSIS MOUNT CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 68000 uF, CHASSIS MOUNT CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 10000 uF, CHASSIS MOUNT CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 33000 uF, CHASSIS MOUNT CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 4700 uF, CHASSIS MOUNT CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 56000 uF, CHASSIS MOUNT CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 150000 uF, CHASSIS MOUNT CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 18000 uF, CHASSIS MOUNT CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 350 V, 1200 uF, CHASSIS MOUNT CAN, ROHS COMPLIANT
|
Cornell Dubilier Electronics, Inc.
|
NRSJ151M25V10X12.5TBF NRSJ121M50V10X12.5TBF NRSJ10 |
Miniature Aluminum Electrolytic Ca pac i tors CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 25 V, 470 uF, THROUGH HOLE MOUNT Miniature Aluminum Electrolytic Ca pac i tors CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 25 V, 680 uF, THROUGH HOLE MOUNT Miniature Aluminum Electrolytic Ca pac i tors CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 1000 uF, THROUGH HOLE MOUNT Miniature Aluminum Electrolytic Ca pac i tors 小型铝电解钙泛非i职权范围 Miniature Aluminum Electrolytic Ca pac i tors CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 180 uF, THROUGH HOLE MOUNT Miniature Aluminum Electrolytic Ca pac i tors CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 1500 uF, THROUGH HOLE MOUNT Miniature Aluminum Electrolytic Ca pac i tors CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 120 uF, THROUGH HOLE MOUNT Miniature Aluminum Electrolytic Ca pac i tors CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 100 uF, THROUGH HOLE MOUNT Miniature Aluminum Electrolytic Ca pac i tors CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 10 V, 1000 uF, THROUGH HOLE MOUNT Miniature Aluminum Electrolytic Ca pac i tors CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 330 uF, THROUGH HOLE MOUNT Miniature Aluminum Electrolytic Ca pac i tors CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 330 uF, THROUGH HOLE MOUNT
|
NIC Components Corp. 铝电解电 NIC Components, Corp.
|
5951A |
Test Probe Set; Connector Type A:Replaceable-Tip Probe (1 Black/1 Red); Connector Type B:Right-Angle Banana Plug; Cable Length:4ft; Current Rating:5A; Features:2 Stainless Steel Sharp Replaceable Probe Tips RoHS Compliant: NA INTERCONNECTION DEVICE Test Probe Set Replaceable Tip
|
Pomona Electronics
|
HCTS74KTR HCTS74T HCTS74DTR |
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS 20-LCCC -55 to 125 Radiation Hardened Dual-D Flip-Flop with
Set and Reset(抗辐射双D触发器(带置位、复位)) Radiation Hardened Dual-D Flip-Flop with Set and Reset HCT SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, CDIP14
|
Intersil Corporation
|
UWX1H0R1MCR1GB UWX1E220MCL1GB |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 0.1 uF, SURFACE MOUNT CHIP ALUMINUM ELECTROLYTIC CAPACITORS ALUMINUM ELECTROLYTIC CAPACITORS
|
Nichicon, Corp. Nichicon corporation
|
Z84C0006PEG Z84C0006VEG Z84C0008AEG Z84C0008PEG Z8 |
CENTRAL PROCESSING UNIT The extensive instruction set contains 158 instructions, instructions,including the 8080A instruction set as a subest Z8400/Z84C00 NMOS/CMOS Z80 CPU Central processing Unit Central Processing Unit
|
Zilog, Inc.
|
|